| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SC bảng dữ liệu(PDF) 220 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SC bảng dữ liệu(HTML) 220 Page - ITT Industries |
|
220 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 219 D Subminiature Selection Index Page Reader’s Resource Dimensional Reference Data Panel Mounting .......................................................220 Panel Cutouts ........................................................221 Contact Cavity Arrangements Combo D — Plug ....................................................222 Combo D — Receptacle ...............................................223 Standard — Plug and Receptacle .........................................224 Pushfit/Boardlock — Standard and European .................................225 Alternate Technical Configurations 50 Ohm Coaxial Contact — Straight and 90 ° .................................225 Bracket — Standard and European ........................................226 Hardware Views Standard ............................................................226 European............................................................227 Printed Circuit Board (PCB) Hole Patterns Combination Layouts Coaxial 90 ° — Standard Plug ............................................................228 Receptacle .......................................................231 Coaxial 90 ° — European Plug ............................................................234 Receptacle .......................................................236 Coaxial Straight — Standard/European Plug ............................................................238 Receptacle .......................................................241 High Power 90 ° — Standard Plug ............................................................244 Receptacle .......................................................247 High Power 90 ° — European Plug ............................................................250 Receptacle .......................................................252 High Power/High Voltage Straight — Standard/European Plug ............................................................254 Receptacle .......................................................257 90 ° PC Tails (Size 20 Signal Contacts only) — European Plug ............................................................260 Receptacle .......................................................263 Straight PC Tails (Size 20 Signal Contacts only) — Standard/European Plug ............................................................266 Receptacle .......................................................269 Standard Layouts 90 ° Standard — Plug and Receptacle ....................................272 90 ° European — Plug and Receptacle ....................................273 Straight PC Tails — Plug and Receptacle Standard/European ...................274 Lease Tooling .........................................................275 Glossary of Terms ......................................................276 Obsolete Products/Available Products Not Previously Listed .....................282 Part Number Index......................................................283 Product Safety and Warranty..............................................297 |