công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEMM9SF bảng dữ liệu(PDF) 58 Page - ITT Industries

tên linh kiện DEMM9SF
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEMM9SF bảng dữ liệu(HTML) 58 Page - ITT Industries

Back Button DEMM9SF Datasheet HTML 54Page - ITT Industries DEMM9SF Datasheet HTML 55Page - ITT Industries DEMM9SF Datasheet HTML 56Page - ITT Industries DEMM9SF Datasheet HTML 57Page - ITT Industries DEMM9SF Datasheet HTML 58Page - ITT Industries DEMM9SF Datasheet HTML 59Page - ITT Industries DEMM9SF Datasheet HTML 60Page - ITT Industries DEMM9SF Datasheet HTML 61Page - ITT Industries DEMM9SF Datasheet HTML 62Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
57
A
C
B
E
10
°
D
3,45
(.136)
Ø 0,60
(.024)
0,82
(.032)
2,92
(.115)
6,50
± 0,25
(.256
± .010)
7,62
± 0,25
(.300
± .010)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
Ø 0,51
(.020)
2,54
(.100)
0,62
(.024)
L
2,84
(.112)
F
W
D Subminiature
Combo D
Coaxial Straight — European PC Tails (Sizes DE-DC)
Dimensions
Shell Size
A
±0.38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Hardware and signal contacts
removed for clarity
Hardware and coaxial contact
removed for clarity
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 241-242.
For panel cutouts, see page 221.
For alternate 50 Ohm coaxial configuration,
see page 225.
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5C1SYA197
DEMZ5C1SYA197
DEMN5C1SYA197
DA
7W2
DAMV7C2SYA197
DAMZ7C2SYA197
DAMN7C2SYA197
DA
11W1
DAMV11C1SYA197
DAMZ11C1SYA197
DAMN11C1SYA197
DA
3W3
DAMV3C3SYA197
DAMZ3C3SYA197
DAMN3C3SYA197
DA
3WK3
DAMV3CK3SYA197TM
DAMZ3CK3SYA197TM
DAMN3CK3SYA197TM
DB
5W5
DBMV5C5SYA197
DBMZ5C5SYA197
DBMN5C5SYA197
DB
9W4
DBMV9C4SYA197
DBMZ9C4SYA197
DBMN9C4SYA197
DB
13W3
DBMV13C3SYA197
DBMZ13C3SYA197
DBMN13C3SYA197
DB
17W2
DBMV17C2SYA197
DBMZ17C2SYA197
DBMN17C2SYA197
DB
21W1
DBMV21C1SYA197
DBMZ21C1SYA197
DBMN21C1SYA197
DC
8W8
DCMV8C8SYA197
DCMZ8C8SYA197
DCMN8C8SYA197
DC
13W6
DCMV13C6SYA197
DCMZ13C6SYA197
DCMN13C6SYA197
DC
17W5
DCMV17C5SYA197
DCMZ17C5SYA197
DCMN17C5SYA197
DC
21WA4
DCMV21CA4SYA197
DCMZ21CA4SYA197
DCMN21CA4SYA197
DC
25W3
DCMV25C3SYA197
DCMZ25C3SYA197
DCMN25C3SYA197
DC
27W2
DCMV27C2SYA197
DCMZ27C2SYA197
DCMN27C2SYA197
For M3 threads replace MV with MT, MZ with MQ, MN with MU.
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMV5X1SYA197
For performance class 2 substitute K126 for A197. Example: DEMV5C1SYK126
For DD shell sizes, see page 59.
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com