| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMM15PC bảng dữ liệu(PDF) 9 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15PC bảng dữ liệu(HTML) 9 Page - ITT Industries |
|
9 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 8 D Subminiature ZD* Straight Solder Termination (Stamped) Part Numbers Shell Size Layout Through Hole Standoff With Boardlock DE 9 ZDE9P-OL2 ZDEE9P-OL2-146 DA 15 ZDA15P-OL2 ZDAE15P-OL2-146 DB 25 ZDB25P-OL2 ZDBE25P-OL2-146 DC 37 ZDC37P-OL2 ZDCE37P-OL2-146 DD 50 ZDD50P-OL2 ZDDE50P-OL2-146 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) Plug Engaging Face F W 1,00 (.040) REF 2,84 (.112) Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Hardware removed for clarity A C B 10 ° E D POSITION 1 3,18 (.125) MIN STANDOFF # 4-40 UNC 6,00 (.236) 4,32 (.170) 0,64 (.025) REF REF |