| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9PC bảng dữ liệu(PDF) 190 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PC bảng dữ liệu(HTML) 190 Page - ITT Industries |
|
190 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 189 D Subminiature Space/High Reliability Solder Cup Receptacle Reader’s Resource For contact cavity arrangements, see page 223. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 5W1 DEM5W1SNM* DEMY5W1SNM* DA 7W2 DAM7W2SNM* DAMY7W2SNM* DA 11W1 DAM11W1SNM* DAMY11W1SNM* DA 3W3 DAM3W3SNM* DAMY3W3SNM* DA 3WK3 DAM3WK3SNM* DAMY3WK3SNM* DB 5W5 DBM5W5SNM* DBMY5W5SNM* DB 9W4 DBM9W4SNM* DBMY9W4SNM* DB 13W3 DBM13W3SNM* DBMY13W3SNM* DB 17W2 DBM17W2SNM* DBMY17W2SNM* DB 21W1 DBM21W1SNM* DBMY21W1SNM* DC 8W8 DCM8W8SNM* DCMY8W8SNM* DC 13W6 DCM13W6SNM* DCMY13W6SNM* DC 17W5 DCM17W5SNM* DCMY17W5SNM* DC 21WA4 DCM21WA4SNM* DCMY21WA4SNM* DC 25W3 DCM25W3SNM* DCMY25W3SNM* DC 27W2 DCM27W2SNM* DCMY27W2SNM* DD 24W7 DDM24W7SNM* DDMY24W7SNM* DD 36W4 DDM36W4SNM* DDMY36W4SNM* DD 43W2 DDM43W2SNM* DDMY43W2SNM* DD 47W1 DDM47W1SNM* DDMY47W1SNM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM5W1SNMB For shells with 50 microinches gold, add K52. Example: DEM5W1SNMK52 Keyed Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.123) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Engaging Face DD Configuration A C B E D Ø 3,05 (.120) 10 ° 9,91 (.390) MAX K L 5,69 (.224) 2,84 (.112) 2,84 (.112) F W |