| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEMM9PC bảng dữ liệu(PDF) 189 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEMM9PC bảng dữ liệu(HTML) 189 Page - ITT Industries |
|
189 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 188 D Subminiature Space/High Reliability Solder Cup Plug Reader’s Resource For contact cavity arrangements, see page 222. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 5W1 DEM5W1PNM* DEMY5W1PNM* DA 7W2 DAM7W2PNM* DAMY7W2PNM* DA 11W1 DAM11W1PNM* DAMY11W1PNM* DA 3W3 DAM3W3PNM* DAMY3W3PNM* DA 3WK3 DAM3WK3PNM* DAMY3WK3PNM* DB 5W5 DBMP5W5PNM* DBMY5W5PNM* DB 9W4 DBM9W4PNM* DBMY9W4PNM* DB 13W3 DBM13W3PNM* DBMY13W3PNM* DB 17W2 DBM17W2PNM* DBMY17W2PNM* DB 21W1 DBM21W1PNM* DBMY21W1PNM* DC 8W8 DCM8W8PNM* DCMY8W8PNM* DC 13W6 DCM13W6PNM* DCMY13W6PNM* DC 17W5 DCM17W5PNM* DCMY17W5PNM* DC 21WA4 DCM21WA4PNM* DCMY21WA4PNM* DC 25W3 DCM25W3PNM* DCMY25W3PNM* DC 27W2 DCM27W2PNM* DCMY27W2PNM* DD 24W7 DDM24W7PNM* DDMY24W7PNM* DD 36W4 DDM36W4PNM* DDMY36W4PNM* DD 43W2 DDM43W2PNM* DDMY43W2PNM* DD 47W1 DDM47W1PNM* DDMY47W1PNM* Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM5W1PNMB For shells with 50 microinches gold, add K52. Example: DEM5W1PNMK52 Keyed Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Engaging Face DD Configuration 10 ° E D A B Ø 3,05 (.120) C 10,72 (.422) MAX L K 2,84 (.112) 5,69 (.224) F W 2,84 (.112) |