| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DDMM50PR bảng dữ liệu(PDF) 6 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DDMM50PR bảng dữ liệu(HTML) 6 Page - ITT Industries |
|
6 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 5 D Subminiature D*NG Straight Pressfit Termination Part Numbers Shell Size Layout Through Hole Clinch Nut # 4-40 UNC Clinch Nut M3 Press-In Bolt # 4-40 UNC Press-In Bolt M3 DE 9 DENG9S-P1 DENGE9S-P1 DENGX9S-P1 DENGZ9S-P1 DENGL9S-P1 DA 15 DANG15S-P1 DANGE15S-P1 DANGX15S-P1 DANGZ15S-P1 DANGL15S-P1 DB 25 DBNG25S-P1 DBNGE25S-P1 DBNGX25S-P1 DBNGZ25S-P1 DBNGL25S-P1 DC 37 DCNG37S-P1 DCNGE37S-P1 DCNGX37S-P1 DCNGZ37S-P1 DCNGL37S-P1 DD 50 DDNG50S-P1 DDNGE50S-P1 DDNGX50S-P1 DDNGZ50S-P1 DDNGL50S-P1 Note: For performance class 1 (gold over PdNi finish) add -408. Example: DENG9S-P1-408. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) Mounting Types Through Hole Clinch Nut Press-In Bolt Receptacle Engaging Face DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. D E B C A 10 ° 5,70 ± 0,20 (.224 ± .008) 6,00 - 0,25 (.236 - .010) 5,60 (.220) MAX 2,15 (.085) MAX 2,84 (.112) 5,69 (.224) 2,84 (.112) 2,15 (.085) MAX |