| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMM15PF bảng dữ liệu(PDF) 13 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15PF bảng dữ liệu(HTML) 13 Page - ITT Industries |
|
13 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 12 D Subminiature D* Wrap Post Termination Part Numbers Shell Size Layout Through Hole DE 9 DE9P-F179A-K87 DA 15 DA15P-F179A-K87 DB 25 DB25P-F179A-K87 DC 37 DC37P-F179A-K87 DD 50 DD50P-F179A-K87 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,64 (.269) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,64 (.269) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,64 (.269) 0,99 (.039) Modification Code Number of Wraps X max. Y ±0,89 (.035) F179 2 10,21 (.402) 15,20 (.598) F179A 3 13,61 (.536) 18,60 (.732) Plug Engaging Face 2,84 (.112) 5,69 (.224) L F W 2,84 (.112) DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. POSITION 1 Ø 3,05 (.120) D E B C A 10 ° 0,61 (.024) REF X Y |