| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBM25SL bảng dữ liệu(PDF) 24 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SL bảng dữ liệu(HTML) 24 Page - ITT Industries |
|
24 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 23 D Subminiature D* 90 ° Solder Termination (Machined) with Metal Bracket — European Footprint 10,2 or 9,4 mm Part Numbers Shell Size Layout Bushing with Through Hole Captive Nut #4-40 UNC Captive Nut M3 Post #4-40 UNC DE 9 DE9S-1AFN-A197 DE9S-1A7N-A197 DE9S-1A9N-A197 DE9S-1A8N-A197 DA 15 DA15S-1AFN-A197 DA15S-1A7N-A197 DA15S-1A9N-A197 DA15S-1A8N-A197 DB 25 DB25S-1AFN-A197 DB25S-1A7N-A197 DB25S-1A9N-A197 DB25S-1A8N-A197 DC 37 DC37S-1AFN-A197 DC37S-1A7N-A197 DC37S-1A9N-A197 DC37S-1A8N-A197 DD 50 DD50S-1AFN-A197 DD50S-1A7N-A197 DD50S-1A9N-A197 DD50S-1A8N-A197 Notes: For pushfit/boardlock option add -146. Example: DE9S-1AFN-A197-146 For performance class 2 add -A191. Example: DE9S-1AFN-A191-A197 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) Connector footprint measured from the front shell. Connector footprint measured from the rear shell. Receptacle DD Configuration 5,08 (.200) 2,54 (.100) 9,40 (.370) L 3,70 (.146) 2,54 (.100) W F 9,40 (.370) 3,70 (.146) Engaging Face Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 14-15. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 273. For panel cutouts, see page 221. For hardware views (European), see page 227. |