công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT7266 bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation

tên linh kiện RT7266
Giải thích chi tiết về linh kiện  3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7266 bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation

  RT7266 Datasheet HTML 1Page - Richtek Technology Corporation RT7266 Datasheet HTML 2Page - Richtek Technology Corporation RT7266 Datasheet HTML 3Page - Richtek Technology Corporation RT7266 Datasheet HTML 4Page - Richtek Technology Corporation RT7266 Datasheet HTML 5Page - Richtek Technology Corporation RT7266 Datasheet HTML 6Page - Richtek Technology Corporation RT7266 Datasheet HTML 7Page - Richtek Technology Corporation RT7266 Datasheet HTML 8Page - Richtek Technology Corporation RT7266 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT7266
2
DS7266-02
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
1
EN
Enable Input. A logic-high enables the converter; a logic-low forces the RT7266
into shutdown mode reducing the supply current to less than 10
μA. Attach this
pin to VIN with a 100k
Ω pull up resistor for automatic start-up.
2
FB
Feedback Input. It is used to regulate the output of the converter to a set value
via an external resistive voltage divider. The feedback reference voltage is
0.765V typically.
3
PVCC
Internal Regulator Output. Connect a 1
μF capacitor to GND to stabilize
output voltage.
4
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor
from SS to GND to set the soft-start period. A 3.9nF capacitor sets the soft-start
period to 1.5ms.
5, 9 (Exposed pad) GND
Ground. The Exposed pad should be soldered to a large PCB and connected to
GND for maximum thermal dissipation.
6
SW
Switch Node. Connect this pin to an external L-C filter.
7
BOOT
Bootstrap for High Side Gate Driver. Connect a 0.1
μF or greater ceramic
capacitor from BOOT to SW pins.
8
VIN
Supply Input. The input voltage range is from 4.5V to 18V. Must bypass with a
suitable large (
≥10μF x 2) ceramic capacitor.
Functional Pin Description
Table 1. Suggested Component Values
VOUT (V)
R1 (k
Ω)
R2 (k
Ω)
C3 (pF)
L1 (
μH)
C7 (
μF)
1
6.81
22.1
--
1.4
22 to 68
1.05
8.25
22.1
--
1.4
22 to 68
1.2
12.7
22.1
--
1.4
22 to 68
1.8
30.1
22.1
5 to 22
2
22 to 68
2.5
49.9
22.1
5 to 22
2
22 to 68
3.3
73.2
22.1
5 to 22
2
22 to 68
5
124
22.1
5 to 22
3.3
22 to 68
7
180
22.1
5 to 22
3.3
22 to 68
Typical Application Circuit
EN
RT7266
PVCC
FB
GND
VIN
VIN
10µF x 2
C1
0.1µF
C2
BOOT
L1
1.4µH
0.1µF
C6
22µF x 2
C7
SW
Chip Enable
SS
3.9nF
C5
1µF
C4
VOUT
1.05V/3A
8
1
3
4
2
7
6
5, 9 (Exposed Pad)
8.25k
R1
22.1k
R2
C3
VPVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13