| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMM15PA bảng dữ liệu(PDF) 78 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15PA bảng dữ liệu(HTML) 78 Page - ITT Industries |
|
78 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 77 D Subminiature Combo D Straight PC Tails — European (Sizes DE-DD) Part Numbers Shell Size Layout Part Number X 4.60 (.181) Part Number X 6.05 (.238) DE 5W1 DEM-5W1S-OL2-A197 DEM-5W1S-OL4-A197 DA 7W2 DAM-7W2S-OL2-A197 DAM-7W2S-OL4-A197 DA 11W1 DAM-11W1S-OL2-A197 DAM-11W1S-OL4-A197 DA 3W3 DAM-3W3S-OL2-A197 DAM-3W3S-OL4-A197 DA 3WK3 DAM-3WK3S-OL2-A197 DAM-3WK3S-OL4-A197 DB 5W5 DBM-5W5S-OL2-A197 DBM-5W5S-OL4-A197 DB 9W4 DBM-9W4S-OL2-A197 DBM-9W4S-OL4-A197 DB 13W3 DBM-13W3S-OL2-A197 DBM-13W3S-OL4-A197 DB 17W2 DBM-17W2S-OL2-A197 DBM-17W2S-OL4-A197 DB 21W1 DBM-21W1S-OL2-A197 DBM-21W1S-OL4-A197 DC 8W8 DCM-8W8S-OL2-A197 DCM-8W8S-OL4-A197 DC 13W6 DCM-13W6S-OL2-A197 DCM-13W6S-OL4-A197 DC 17W5 DCM-17W5S-OL2-A197 DCM-17W5S-OL4-A197 DC 21WA4 DCM-21WA4S-OL2-A197 DCM-21WA4S-OL4-A197 DC 25W3 DCM-25W3S-OL2-A197 DCM-25W3S-OL4-A197 DC 27W2 DCM-27W2S-OL2-A197 DCM-27W2S-OL4-A197 DD 24W7 DDM-24W7S-OL2-A197 DDM-24W7S-OL4-A197 DD 36W4 DDM-36W4S-OL2-A197 DDM-36W4S-OL4-A197 DD 43W2 DDM-43W2S-OL2-A197 DDM-43W2S-OL4-A197 DD 47W1 DDM-47W1S-OL2-A197 DDM-47W1S-OL4-A197 Note: Performance class 3 standard, for performance class 2 add -A191. Example: DEM-5W1S-OL2-A191-A197 Keyed. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Receptacle Engaging Face DD Configuration 10 ° A C E D B Ø 3,05 (.120) L K 5,69 (.224) 2,84 (.112) Reader’s Resource For contact cavity arrangements, see page 223. For P.C. hole patterns, see pages 269-271. For panel cutouts, see page 221. For hardware views (European), see page 227. Ø 0,60 (.024) X 2,84 (.112) W F |