| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25PD bảng dữ liệu(PDF) 7 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25PD bảng dữ liệu(HTML) 7 Page - ITT Industries |
|
7 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 6 D Subminiature D*M Straight Solder Termination (Machined) — Standard PC Tails Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) Part Numbers Shell Size Layout Standoff Standoff & Boardlock Standoff, Boardlock & Screw Lock DE 9 DEMV9PNK87 DEMZ9PNK87 DEMN9PNK87 DA 15 DAMV15PNK87 DAMZ15PNK87 DAMN15PNK87 DB 25 DBMV25PNK87 DBMZ25PNK87 DBMN25PNK87 DC 37 DCMV37PNK87 DCMZ37PNK87 DCMN37PNK87 DD 50 DDMV50PNK87 DDMZ50PNK87 DDMN50PNK87 Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DEMN9PNK127 Plug L 5,69 (.224) 2,84 (.112) F W 2,84 (.112) Engaging Face Hardware removed for clarity Hardware removed for clarity DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (Standard), see page 226. A C B E D 10 ° POSITION 1 Ø 0,76 (.030) 2,92 (.115) 6,50 ± 0,25 (.256 ± .010) SCREW LOCK # 4-40 UNC BOARDLOCK 4,52 (.178) 7,62 ± 0,25 (.300 ± .010) STANDOFF # 4-40 UNC |