công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBMM25PD bảng dữ liệu(PDF) 213 Page - ITT Industries

tên linh kiện DBMM25PD
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25PD bảng dữ liệu(HTML) 213 Page - ITT Industries

Back Button DBMM25PD Datasheet HTML 209Page - ITT Industries DBMM25PD Datasheet HTML 210Page - ITT Industries DBMM25PD Datasheet HTML 211Page - ITT Industries DBMM25PD Datasheet HTML 212Page - ITT Industries DBMM25PD Datasheet HTML 213Page - ITT Industries DBMM25PD Datasheet HTML 214Page - ITT Industries DBMM25PD Datasheet HTML 215Page - ITT Industries DBMM25PD Datasheet HTML 216Page - ITT Industries DBMM25PD Datasheet HTML 217Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
212
D Subminiature Accessories
Locking Hardware
Spring Latch Assemblies
ITT Cannon offers the largest variety of locking and
latching hardware. Refer to the accessories
selection guide on pages 198-199 for use with
ITT Cannon Connectors.
Product Features
Low Cost
Minimizes field connection time
Positive lock between connectors
Packaged 2 kits per bag
Materials and Finishes
Material:
Stainless Steel
Treatment:
Passivated
Locked
Unlocked
Spring Latch Plate Assembly
#4-40
SCREW
PLATE, LATCH
CONNECTOR,
EITHER PIN
OR SOCKET
WASHER, LOCK
#4-40
NUT, HEX
Shell
Size
Layout
Part
Number
A
±0,38 (.015)
B
±0,38 (.015)
DE, DA, DB, DC
9, 15, 25, 37
D110278
12,42 (.489)
14,35 (.565)
DD
50
D110280
15,47 (.609)
17,09 (.673)
Kit consists of 1 plate, 1 screw, 1 lock washer,
1 hex nut
Order 2 kits per connector
Spring Latch Assembly
Shell
Size
Layout
Part
Number
A
±0,38 (.015)
B
±0,38 (.015)
C
±0,51 (.020)
DE, DA, DB, DC
9, 15, 25, 37
D110277
12,42 (.489)
14,35 (.565)
18,59 (.732)
DD
50
D110279
15,49 (.609)
17,09 (.673)
18,59 (.732)
Kit consists of 1 spring, 1 screw, 1 bracket,
1 lock washer, 1 hex nut
Order 2 kits per connector
Front panel mounting
* Dimension does not apply to rear panel mounting.
#4-40 NUT, HEX
#4-40 THD x 7,92 (.312)
SCREW
2,41 - 1,52
(.095 - .060)
PLATE,
LATCH
15,57
± 0,64
(.613
± .025)
A
B
SPRING LATCH
MOUNTING PLATE
#4-40 THD x 7,92 (.312)
SCREW
#4-40 NUT, HEX
*2,41 - 1,52
(.095 - .060)
C
LATCH, SPRING
#4-40
SCREW
SPRING LATCH
MOUNTING BRACKET
CONNECTOR,
EITHER PIN
OR SOCKET
WASHER, LOCK
#4-40
NUT, HEX
LATCH, SPRING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More