công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBMM25PD bảng dữ liệu(PDF) 186 Page - ITT Industries

tên linh kiện DBMM25PD
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25PD bảng dữ liệu(HTML) 186 Page - ITT Industries

Back Button DBMM25PD Datasheet HTML 182Page - ITT Industries DBMM25PD Datasheet HTML 183Page - ITT Industries DBMM25PD Datasheet HTML 184Page - ITT Industries DBMM25PD Datasheet HTML 185Page - ITT Industries DBMM25PD Datasheet HTML 186Page - ITT Industries DBMM25PD Datasheet HTML 187Page - ITT Industries DBMM25PD Datasheet HTML 188Page - ITT Industries DBMM25PD Datasheet HTML 189Page - ITT Industries DBMM25PD Datasheet HTML 190Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
185
D Subminiature
Space/High Reliability
D*MA High Density Crimp Contact Cable Connector
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 186.
For panel cutouts, see page 221.
For hardware views (Standard)
see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
15
DEMA15SNM*
DEMAY15SNM*
DA
26
DAMA26SNM*
DAMAY26SNM*
DB
44
DBMA44SNM*
DBMAY44SNM*
DC
62
DCMA62SNM*
DCMAY62SNM*
DD
78
DDMA78SNM*
DDMAY78SNM*
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEMA15SNMB
For shells with 50 microinches gold, add K52. Example: DEMA15SNMK52
For connectors without contacts, add F0. Example: DEMA15SNMF0 (F0 not marked on the connector)
For crimp (Size 22) contacts and tooling, see pages 187 & 275
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Engaging Face
A
C
B
10
°
E
D
Ø 3,05 (.120)
8,76 (.345) MAX
F
W
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More