| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMM15PD bảng dữ liệu(PDF) 80 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15PD bảng dữ liệu(HTML) 80 Page - ITT Industries |
|
80 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 79 D Subminiature Combo D Solder Cup (Sizes DE-DD) Part Numbers Shell Size Layout Through Hole Dual Float Mount Clinch Nut #4-40 UNC DE 5W1 DEM5W1SA197 DEMY5W1SA197 DEME5W1SA197 DA 7W2 DAM7W2SA197 DAMY7W2SA197 DAME7W2SA197 DA 11W1 DAM11W1SA197 DAMY11W1SA197 DAME11W1SA197 DA 3W3 DAM3W3SA197 DAMY3W3SA197 DAME3W3SA197 DA 3WK3 DAM3WK3SA197 DAMY3WK3SA197 DAME3WK3SA197 DB 5W5 DBM5W5SA197 DBMY5W5SA197 DBME5W5SA197 DB 9W4 DBM9W4SA197 DBMY9W4SA197 DBME9W4SA197 DB 13W3 DBM13W3SA197 DBMY13W3SA197 DBME13W3SA197 DB 17W2 DBM17W2SA197 DBMY17W2SA197 DBME17W2SA197 DB 21W1 DBM21W1SA197 DBMY21W1SA197 DBME21W1SA197 DC 8W8 DCM8W8SA197 DCMY8W8SA197 DCME8W8SA197 DC 13W6 DCM13W6SA197 DCMY13W6SA197 DCME13W6SA197 DC 17W5 DCM17W5SA197 DCMY17W5SA197 DCME17W5SA197 DC 21WA4 DCM21WA4SA197 DCMY21WA4SA197 DCME21WA4SA197 DC 25W3 DCM25W3SA197 DCMY25W3SA197 DCME25W3SA197 DC 27W2 DCM27W2SA197 DCMY27W2SA197 DCME27W2SA197 DD 24W7 DDM24W7SA197 DDMY24W7SA197 DDME24W7SA197 DD 36W4 DDM36W4SA197 DDMY36W4SA197 DDME36W4SA197 DD 43W2 DDM43W2SA197 DDMY43W2SA197 DDME43W2SA197 DD 47W1 DDM47W1SA197 DDMY47W1SA197 DDME47W1SA197 For contacts with 30 microinches gold substitute K126 for A197. Example: DEM5W1SK126 For M3 clinch nuts substitute X for E. Example: DEMX5W1SA197 Keyed. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.123) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Receptacle Engaging Face A C B E D Ø 3,05 (.120) 10 ° 9,91 (.390) MAX Reader’s Resource For contact cavity arrangements, see page 223. For panel cutouts, see page 221. For hardware views (Standard), see page 226. K L 5,69 (.224) 2,84 (.112) DD Configuration 2,84 (.112) F W |