| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAMM15PD bảng dữ liệu(PDF) 247 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DAMM15PD bảng dữ liệu(HTML) 247 Page - ITT Industries |
|
247 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change PCB Hole Pattern — Standard High Power 90 ° — Plug 5,54(.218) 5,54(.218) 61,12 (2.406) 11,53 (.454) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 20,57 (.810) 20,57 (.810) 10,06 (.396) REAR FLANGE REF 13,72 (.540) 6,86 (.270) 20,57 (.810) 13,72 (.540) 6,86 (.270) Mounting Hole High Power Contact Signal Contact 2,84 (.112) 5.54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 11,53 (.454) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 20,57 (.810) 6,91 (.272) 9,68 (.381) 20,57 (.810) 10,06 (.396) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF 13,72 (.540) Mounting Hole High Power Contact Signal Contact 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 11,53 (.454) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,80 (.110) 8,28 (.326) 20,57 (.810) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 20,57 (.810) 10,06 (.396) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) REAR FLANGE REF Mounting Hole High Power Contact Signal Contact D 24W7 17 #20 7 #8 D 36W4 32 #20 4 #8 D 43W2 41 #20 2 #8 D 47W1 46 #20 1#8 Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Signal Contact X Recommended PCB Hole X 0,76 (.030) 1,14 (.045) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X High Power (H) 3,56 (.140) 2,84 (.112) 5,54(.218) 5,54(.218) 61,12 (2.406) 2,84 (.112) 11,53 (.454) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) REAR FLANGE REF 5,54(.218) 2,84 (.112) 20,57 (.810) 20,57 (.810) 10,06 (.396) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) REAR FLANGE REF 13,72 (.540) 6,86 (.270) 4,14 (.163) 20,57 (.810) Mounting Hole High Power Contact Signal Contact 246 |