công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMM15PD bảng dữ liệu(PDF) 202 Page - ITT Industries

tên linh kiện DAMM15PD
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15PD bảng dữ liệu(HTML) 202 Page - ITT Industries

Back Button DAMM15PD Datasheet HTML 198Page - ITT Industries DAMM15PD Datasheet HTML 199Page - ITT Industries DAMM15PD Datasheet HTML 200Page - ITT Industries DAMM15PD Datasheet HTML 201Page - ITT Industries DAMM15PD Datasheet HTML 202Page - ITT Industries DAMM15PD Datasheet HTML 203Page - ITT Industries DAMM15PD Datasheet HTML 204Page - ITT Industries DAMM15PD Datasheet HTML 205Page - ITT Industries DAMM15PD Datasheet HTML 206Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
201
D Subminiature Accessories
EMI Shielded Backshell
Locking Hardware for Snap-Together EMI Shielded Backshell
Recessed Jackscrew
Extended Jackscrew
Thumbscrew
#4-40
THREADS
13,50(.531)
4,50
(.177)
Ø 4,50
(.177)
6,00
(.236)
MIN
9,00
(.354)
4,30
(.169)
6,00
(.236)
MIN
Ø 4,10
(.161)
THREADS
19,00(.748)
9,00
(.354)
Part Number:
250-8501-004
Material:
Brass
Finish:
Nickel
Quantity Required
per Connector:
2
Part Number:
250-8501-009 (M3)
250-8501-010 (#4-40)
Material:
Brass
Finish:
Nickel
Quantity Required
per Connector:
2
Part Number:
250-8501-013
Material:
Brass
Finish:
Nickel
Quantity Required
per Connector:
2
Jackpost for In-Line Connections
Rectangular Nut
Jackpost
Jackpost Assembly
3,00 (.118)
MIN
5,00
(.197)
#4-40 UNC-2B
#4-40 UNC-2A
6,00
(.236)
4,90 (.193)
11,00
(.433)
(ACROSS FLATS)
Part Number:
D121073-19
Material:
Brass
Finish:
Nickel
Quantity Required
per Connector:
2
Assembly consists of 1 rectangular nut,
1 jackpost, 1 #4-40 lock washer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More