công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMM15PD bảng dữ liệu(PDF) 189 Page - ITT Industries

tên linh kiện DAMM15PD
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15PD bảng dữ liệu(HTML) 189 Page - ITT Industries

Back Button DAMM15PD Datasheet HTML 185Page - ITT Industries DAMM15PD Datasheet HTML 186Page - ITT Industries DAMM15PD Datasheet HTML 187Page - ITT Industries DAMM15PD Datasheet HTML 188Page - ITT Industries DAMM15PD Datasheet HTML 189Page - ITT Industries DAMM15PD Datasheet HTML 190Page - ITT Industries DAMM15PD Datasheet HTML 191Page - ITT Industries DAMM15PD Datasheet HTML 192Page - ITT Industries DAMM15PD Datasheet HTML 193Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
188
D Subminiature
Space/High Reliability
Solder Cup
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
5W1
DEM5W1PNM*
DEMY5W1PNM*
DA
7W2
DAM7W2PNM*
DAMY7W2PNM*
DA
11W1
DAM11W1PNM*
DAMY11W1PNM*
DA
3W3
DAM3W3PNM*
DAMY3W3PNM*
DA
3WK3
DAM3WK3PNM*
DAMY3WK3PNM*
DB
5W5
DBMP5W5PNM*
DBMY5W5PNM*
DB
9W4
DBM9W4PNM*
DBMY9W4PNM*
DB
13W3
DBM13W3PNM*
DBMY13W3PNM*
DB
17W2
DBM17W2PNM*
DBMY17W2PNM*
DB
21W1
DBM21W1PNM*
DBMY21W1PNM*
DC
8W8
DCM8W8PNM*
DCMY8W8PNM*
DC
13W6
DCM13W6PNM*
DCMY13W6PNM*
DC
17W5
DCM17W5PNM*
DCMY17W5PNM*
DC
21WA4
DCM21WA4PNM*
DCMY21WA4PNM*
DC
25W3
DCM25W3PNM*
DCMY25W3PNM*
DC
27W2
DCM27W2PNM*
DCMY27W2PNM*
DD
24W7
DDM24W7PNM*
DDMY24W7PNM*
DD
36W4
DDM36W4PNM*
DDMY36W4PNM*
DD
43W2
DDM43W2PNM*
DDMY43W2PNM*
DD
47W1
DDM47W1PNM*
DDMY47W1PNM*
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM5W1PNMB
For shells with 50 microinches gold, add K52. Example: DEM5W1PNMK52
Keyed
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Engaging Face
DD Configuration
10
°
E
D
A
B
Ø 3,05
(.120)
C
10,72 (.422)
MAX
L
K
2,84
(.112)
5,69
(.224)
F
W
2,84
(.112)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More