công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAMM15PD bảng dữ liệu(PDF) 181 Page - ITT Industries

tên linh kiện DAMM15PD
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMM15PD bảng dữ liệu(HTML) 181 Page - ITT Industries

Back Button DAMM15PD Datasheet HTML 177Page - ITT Industries DAMM15PD Datasheet HTML 178Page - ITT Industries DAMM15PD Datasheet HTML 179Page - ITT Industries DAMM15PD Datasheet HTML 180Page - ITT Industries DAMM15PD Datasheet HTML 181Page - ITT Industries DAMM15PD Datasheet HTML 182Page - ITT Industries DAMM15PD Datasheet HTML 183Page - ITT Industries DAMM15PD Datasheet HTML 184Page - ITT Industries DAMM15PD Datasheet HTML 185Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
180
D Subminiature
Space/High Reliability
Solder Cup
Plug
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
9
DEM9PNM*
DEMY9PNM*
DA
15
DAM15PNM *
DAMY15PNM *
DB
25
DBM25PNM *
DBMY25PNM *
DC
37
DCM37PNM *
DCMY37PNM *
DD
50
DDM50PNM *
DDMY50PNM *
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PNMB
For shells with 50 microinches gold, add K52. Example: DEM9PNMK52
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0.76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Reader’s Resource
For contact cavity arrangements,
see page 224.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Engaging Face
DD Configuration
A
C
B
E
D
10
°
Ø 3,05
(.120)
10,72 (.422)
MAX
5,69
(.224)
2,84
(.112)
L
K
2,84
(.112)
F
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More