| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM51157 bảng dữ liệu(PDF) 252 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 bảng dữ liệu(HTML) 252 Page - ITT Industries |
|
252 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact 15,70 (.618) 17,96 (.707) 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact PCB Hole Pattern — European High Power 90 ° — Plug C 8W8 0 #20 8 #8 C 13W6 7 #20 6 #8 C 17W5 12 #20 5 #8 C 21WA4 17 #20 4 #8 C 25W3 22 #20 3 #8 C 27W2 25 #20 2 #8 Mounting Hole 63,50 (2.500) REAR FLANGE REF 10,90 (.429) 11,94 (.470) High Power Contact 3,81 (.150) 10,16 (.400) 22,86 (.900) 15,24 (.600) 16,51(.650) 8,89 (.350) 2,54 (.100) 22,86 (.900) 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 17,96 (.707) 20.70 (.815) Mounting Hole Signal Contact 63,50 (2.500) 24,84 (.978) 2,54 (.100) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF 4,37 (.172) 11,10 (.437) 22,56 (.888) 15,82 (.623) 9,09 (.358) 2,36 (.093) High Power Contact 11,94 (.470) 5,54(.218) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact 15,70 (.618) 15,70 (.618) 8,71 (.343) 5,54(.218) 5,54(.218) 11,05 (.435) 8,28 (.326) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 6,91 (.272) 9,68 (.381) 6,91 (.272) 9,68 (.381) 2,80 (.110) 63,50 (2.500) 9,40 (.370) REAR FLANGE REF 10,90 (.429) REAR FLANGE REF Mounting Hole Signal Contact 22,68 (.893) 22,68 (.893) 11,94 (.470) High Power Contact 15,70 (.618) 15,70 (.618) Signal Contact X Recommended PCB Hole X 0,60 (.024) 1,00 (.039) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) Size 8 Contact Type Recommended PCB Hole X High Power (P) 3,28 (.129) Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities Shell Size Contact Arrangement No. of Size 20 Cavities No. of Size 8 Cavities 251 |