| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM51157 bảng dữ liệu(PDF) 17 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 bảng dữ liệu(HTML) 17 Page - ITT Industries |
|
17 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 16 D Subminiature D*M 90 ° Solder Termination (Machined) — Standard Footprint .318 or .283 inch Part Numbers Shell Size Layout Bracket Bracket & Boardlock Bracket & Screw Lock #4-40 UNC Bracket, Boardlock & Screw Lock #4-40 UNC DE 9 DEMP9PJK87 DEMCP9PJK87 DEMD9PJK87 DEMG9PJK87 DA 15 DAMP15PJK87 DAMC15PJK87 DAMD15PJK87 DAMG15PJK87 DB 25 DBMP25PJK87 DBMC25PJK87 DBMD25PJK87 DBMG25PJK87 DC 37 DCMP37PJK87 DCMC37PJK87 DCMD37PJK87 DCMG37PJK87 DD 50 DDMP50PJK87 DDMC50PJK87 DDMD50PJK87 DDMG50PJK87 Note: For contacts with 30 microinches gold substitute K127 for K87. Example: DAMG15PJK127 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) M ±0,25 (.010) N ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 12,34 (.486) 8,64 (.340) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) 12,34 (.486) 8,64 (.340) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,34 (.486) 8,64 (.340) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 12,34 (.486) 8,64 (.340) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) 13,74 (.541) 10,06 (.396) Connector footprint measured from the front shell. Connector footprint measured from the rear shell. Plug Engaging Face Screw lock and boardlock removed for clarity Screw lock and boardlock removed for clarity DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 14-15. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. For hardware views (Standard), see page 226. For alternate bracket configuration (when connectors are supplied without boardlocks), see page 226. Note: Dimension varies with alternate bracket configuration. See Reader’s Resource page 226. 10 ° A C E D B BOARDLOCK Ø 0,76 (.030) 2,92 (.115) RIVNUT #4-40 UNC 6,50 ± 0,25 (.256 ± .010) M N SCREW LOCK #4-40 UNC BRACKET, METAL 5,68 (.224) 2,84 (.112) 7,18 ± 0,25 (.283 ± .010) 4,33 ± 0,38 (.170 ± .015) L 4,33 ± 0,38 (.170 ± .015) 2,84 (.112) 7,18 ± 0,25 (.283 ± .010) W F |