| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM51157 bảng dữ liệu(PDF) 181 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 bảng dữ liệu(HTML) 181 Page - ITT Industries |
|
181 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 180 D Subminiature Space/High Reliability Solder Cup Plug Part Numbers Shell Size Layout Through Hole Dual Float Mount DE 9 DEM9PNM* DEMY9PNM* DA 15 DAM15PNM * DAMY15PNM * DB 25 DBM25PNM * DBMY25PNM * DC 37 DCM37PNM * DCMY37PNM * DD 50 DDM50PNM * DDMY50PNM * Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9PNMB For shells with 50 microinches gold, add K52. Example: DEM9PNMK52 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0.76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Reader’s Resource For contact cavity arrangements, see page 224. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Engaging Face DD Configuration A C B E D 10 ° Ø 3,05 (.120) 10,72 (.422) MAX 5,69 (.224) 2,84 (.112) L K 2,84 (.112) F W |