| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM51157 bảng dữ liệu(PDF) 168 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM51157 bảng dữ liệu(HTML) 168 Page - ITT Industries |
|
168 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 167 D Subminiature Military/High Reliability Cable Solder Cup Receptacle Reader’s Resource For contact cavity arrangements, see page 223. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount Clinch Nut #4-40 UNC DE 5W1 DEMM5W1S DEMMY5W1S DEMME5W1S DA 7W2 DAMM7W2S DAMMY7W2S DAMME7W2S DA 11W1 DAMM11W1S DAMMY11W1S DAMME11W1S DA 3W3 DAMM3W3S DAMMY3W3S DAMME3W3S DA 3WK3 DAMM3WK3S DAMMY3WK3S DAMME3WK3S DB 5W5 DBMM5W5S DBMMY5W5S DBMME5W5S DB 9W4 DBMM9W4S DBMMY9W4S DBMME9W4S DB 13W3 DBMM13W3S DBMMY13W3S DBMME13W3S DB 17W2 DBMM17W2S DBMMY17W2S DBMME17W2S DB 21W1 DBMM21W1S DBMMY21W1S DBMME21W1S DC 8W8 DCMM8W8S DCMMY8W8S DCMME8W8S DC 13W6 DCMM13W6S DCMMY13W6S DCMME13W6S DC 17W5 DCMM17W5S DCMMY17W5S DCMME17W5S DC 21WA4 DCMM21WA4S DCMMY21WA4S DCMME21WA4S DC 25W3 DCMM25W3S DCMMY25W3S DCMME25W3S DC 27W2 DCMM27W2S DCMMY27W2S DCMME27W2S DD 24W7 DCMM24W7S DCMMY24W7S DCMME24W7S DD 36W4 DCMM36W4S DCMMY36W4S DCMME36W4S DD 43W2 DCMM43W2S DCMMY43W2S DCMME43W2S DD 47W1 DCMM47W1S DCMMY47W1S DCMME47W1S Note: Keyed. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) K ±0,318 (.0125) L ±0,25 (.010) DE 30,81 (1.123) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 1,206 (.0475) 0,76 (.030) Engaging Face DD Configuration A C B E D Ø 3,05 (.120) 10 ° 9,91 (.390) MAX K L 5,69 (.224) 2,84 (.112) 2,84 (.112) F W |