| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM130342 bảng dữ liệu(PDF) 11 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DM130342 bảng dữ liệu(HTML) 11 Page - ITT Industries |
|
11 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 10 D Subminiature D* Straight Solder Termination (Machined) — European PC Tails Part Numbers Shell Size Layout Through Hole Standoff #4-40 UNC With Pushfit/Boardlock Standoff M3 With Pushfit/Boardlock DE 9 DE9P-0L2-K87 DEE9P-0L2-K87-146 DEX9P-0L2-K87-146 DA 15 DA15P-0L2-K87 DAE15P-0L2-K87-146 DAX15P-0L2-K87-146 DB 25 DB25P-0L2-K87 DBE25P-0L2-K87-146 DBX25P-0L2-K87-146 DC 37 DC37P-0L2-K87 DCE37P-0L2-K87-146 DCX37P-0L2-K87-146 DD 50 DD50P-0L2-K87 DDE50P-0L2-K87-146 DDX50P-0L2-K87-146 Note: For performance class 2 add -A191. Example DA15P-OL2-A191-K87. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0.25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) Plug Engaging Face 5,69 (.224) 2,84 (.112) L F W 2,84 (.112) DD Configuration Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (European), see page 227. PC Tail Modifier X ±0,30 (.012) Y ±0,30 (.012) OL2 5,20 (.205) 10,20 (.401) OL4 6,75 (.266) 11,80 (.465) 10 ° D E C B A Ø 3,05 (.120) POSITION 1 Ø 0,60 (.024) Y X |