| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2-GPIB bảng dữ liệu(PDF) 7 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
USB2-GPIB bảng dữ liệu(HTML) 7 Page - Teledyne Technologies Incorporated |
|
7 / 16 page ![]() 7 5. Waveform Control Knobs – Control channel, zoom, math and memory traces with the multiplexed vertical and horizontal knobs 6. Dedicated Cursor Knob – Select type of cursor, position them on your signal, and read values without ever opening a menu 7. Dedicated buttons to quickly access popular debug tools. 8. Easy connectivity with two convenient USB ports on the front, two on the side 9. Rotating and Tilting Feet provide 4 different viewing positions 10. Auxiliary Output and Reference Clock Input/Output connectors for connecting to other equipment 11. USBTMC (Test and Measurement Class) port simplifies programming Document and Share: • Quickly save all files with LabNotebook • Create custom reports with LabNotebook • Save to internal solid state or network drive • Print to a USB printer • Save to USB memory stick • Connect with LAN or GPIB • View data on a PC with free WaveStudio utility 5 4 6 7 3 8 10 9 11 |