| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8524 bảng dữ liệu(PDF) 16 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8524 bảng dữ liệu(HTML) 16 Page - Wolfson Microelectronics plc |
|
16 / 25 page ![]() WM8524 Production Data w PD, Rev 4.1, October 2011 16 POWER UP AND DOWN CONTROL The MCLK, BCLK and MUTE ¯¯¯¯¯ pins are monitored to control how the device powers up or down, and this is summarised in Figure 9 below. Off Standby Enabled BCLK Enabled MUTE=1 MUTE=0 BCLK Disabled MCLK Disabled MCLK Enabled BCLK Enabled MUTE=0 MCLK Enabled BCLK Enabled MUTE=1 MCLK Disabled Figure 9 Hardware Power Sequence Diagram Off to Enable To power up the device to enabled, start MCLK and BCLK and set MUTE ¯¯¯¯¯ = 1. Off to Standby To power up the device to standby, start MCLK and BCLK and set MUTE ¯¯¯¯¯ = 0. Once the device is in standby mode, BCLK can be disabled and the device will remain in standby mode. Standby to Enable To transition from the standby state to the enabled state, set the MUTE ¯¯¯¯¯ pin to logic 1 and start BCLK. Enable to Standby To power down to a standby state leaving the charge pump running, either set the MUTE ¯¯¯¯¯ pin to logic 0 or stop BCLK. MCLK must continue to run in these situations. The device will automatically mute and power down quietly in either case. Note: It is recommended that the device is placed in standby mode before sample rate change if the sample rate changes more than once in 1026 LRCLK periods, as detailed in Digital Audio Data Sampling Rates on page 14. Enable to Off To power down the device completely, stop MCLK at any time. It is recommended that the device is placed into standby mode as described above before stopping MCLK to allow a quiet shutdown. For the timing of the off state to enabled state transition (power on to audio out timing), and the enabled state to standby state transition (the shutdown timing), please refer to WTN0302. |