công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8352GEB/RV bảng dữ liệu(PDF) 39 Page - Wolfson Microelectronics plc

tên linh kiện WM8352GEB/RV
Giải thích chi tiết về linh kiện  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352GEB/RV bảng dữ liệu(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8352GEB/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8352GEB/RV Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
39
11.3 2-WIRE SERIAL CONTROL MODE
The 2-wire control interface normally uses the SCLK and SDATA pins, which are referenced to the
digital buffer supply, DBVDD. (In Development mode, the interface is initially redirected, with GPIO10
and GPIO11 effectively replacing SCLK and SDATA - see Section 14.4.1).
2-wire control mode is selected by setting SPI_3WIRE = 0. This is the default setting for this field.
In 2-wire mode, the WM8352 is a slave device on the control interface; SCLK (or GPIO10) is a clock
input, while SDATA (or GPIO11) is a bi-directional data pin. To allow arbitration of multiple slaves
(and/or multiple masters) on the same interface, the WM8352 transmits logic 1 by tri-stating the
SDATA pin, rather than pulling it high. An external pull-up resistor is required to pull the SDATA line
high so that the logic 1 can be recognised by the master.
Many devices can be controlled by the same bus, and each device has a unique 7-bit device ID (this
is not the same as the 8-bit address of each register in the WM8352). The default device ID is
0011 0100 (0x34h). The LSB of the device ID is the Read/Write bit; this bit is set to logic 1 for “Read”
and logic 0 for “Write”. In Development Mode, the device ID may be changed to other values.
The controller indicates the start of data transfer with a high to low transition on SDATA while SCLK
remains high. This indicates that a device ID, register address and data will follow. All devices on the
2-wire bus respond to the start condition and shift in the next eight bits on SDATA (7-bit device ID +
Read/Write bit, MSB first). If the device ID received matches the device ID of the WM8352, then the
WM8352 responds by pulling SDATA low on the next clock pulse (ACK). If the device ID is not
recognised or the R/W bit is ‘1’ when operating in write only mode, the WM8352 returns to the idle
condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8352, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDATA while
SCKL remains high. After receiving a complete address and data sequence the WM8352 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDATA changes while SCLK is high), the device
returns to the idle condition.
The WM8352 supports the following read and write operations:
•
Single write
•
Single read
•
Multiple write using auto-increment
•
Multiple read using auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com