| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8351 bảng dữ liệu(PDF) 150 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8351 bảng dữ liệu(HTML) 150 Page - Wolfson Microelectronics plc |
|
150 / 330 page ![]() WM8351 Production Data w PD, April 2012, Rev 4.5 150 16.3 OPEN-DRAIN LED OUTPUTS The three open-drain outputs ISINKC, ISINKD and ISINKE are alternate functions of the GPIO10, GPIO11 and GPIO12 pins, respectively (see Section 20). They can drive LEDs connected to LINE, with a series resistor. Note that the GPIO pins have other alternate functions, which will not be available that pin is configured as ISINKC, ISINKD or ISINKE. 16.4 LED DRIVER CONNECTIONS The recommended connection for LEDs on ISINKA is illustrated in Figure 72. WM8351 ISINKA VDD SINKGND Figure 72 LED Connection to ISINKA The recommended connections for LEDs on ISINKC, ISINKD and ISINKE are illustrated in Figure 73. WM8351 ISINKC VDD R GND Figure 73 LED Connections to ISINKC, ISINKD and ISINKE |