| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8326GEFL/V bảng dữ liệu(PDF) 42 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8326GEFL/V bảng dữ liệu(HTML) 42 Page - Wolfson Microelectronics plc |
|
42 / 255 page ![]() WM8326 Production Data w PD, June 2012, Rev 4.0 42 Figure 10 Single Register Read from Specified Address Figure 11 Multiple Register Write to Specified Address using Auto-increment Figure 12 Multiple Register Read from Specified Address using Auto-increment Figure 13 Multiple Register Read from Last Address using Auto-increment Multiple Write and Multiple Read operations enable the host processor to access sequential blocks of the data in the WM8326 register map faster than is possible with single register operations. The auto- increment option is enabled when the AUTOINC register bit is set. This bit is defined in Table 12. Auto-increment is enabled by default. ADDRESS BIT LABEL DEFAULT DESCRIPTION R16391 (4007h) Control Interface 2 AUTOINC 1 Enable Auto-Increment function 0 = Disabled 1 = Enabled Table 12 Auto-Increment Control |