| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8311 bảng dữ liệu(PDF) 121 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8311 bảng dữ liệu(HTML) 121 Page - Wolfson Microelectronics plc |
|
121 / 302 page ![]() Pre-Production WM8311 w PP, May 2012, Rev 3.1 121 ADDRESS BIT LABEL DESCRIPTION 13 IM_CHG_BATT_FAIL_EINT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 12 IM_CHG_OV_EINT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 11 IM_CHG_END_EINT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 10 IM_CHG_TO_EINT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 9 IM_CHG_MODE_EINT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) 8 IM_CHG_START_EINT Interrupt mask. 0 = Do not mask interrupt. 1 = Mask interrupt. Default value is 1 (masked) Table 63 Battery Charger Interrupts 17.7.9 BATTERY CHARGER STATUS The status of the Battery Charger can be read from various registers and interrupts noted in the above sections. The Battery Charger status can also be read from the CHG_STATE register field, as defined in Table 64. Note that the LED Status outputs can also be configured to indicate the Battery Charger status - see Section 22. ADDRESS BIT LABEL DEFAULT DESCRIPTION R16458 (404Ah) Charger Status 14:12 CHG_STATE [2:0] 000 Battery Charger state 000 = Off 001 = Trickle Charge 010 = Fast Charge 011 = Trickle Charge overtemperature 100 = Fast Charge overtemperature 101 = Defective 110 = Reserved 111 = Reserved Table 64 Battery Charger State |