| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8310 bảng dữ liệu(PDF) 11 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8310 bảng dữ liệu(HTML) 11 Page - Wolfson Microelectronics plc |
|
11 / 291 page ![]() Pre-Production WM8310 w PP, May 2012, Rev 3.1 11 PIN NAME TYPE POWER DOMAIN DESCRIPTION DC-DC Converters and LDO Regulators B1, B2, B3, B13, C3, C4, C7, C8, C9, C10, C11, C12, D3, D6, D12, E3, E4, E12, F4, F5, F6, F10, F11, F12, G4, G6, G7, G8, G9, H7, J10, K9, K10, L8, L9, M1, M6, M7, M8 GND Supply Ground A2 PVDD1 Supply Internal VDD supply; Connect to SYSVDD N9 PVDD2 Supply A10, B10 DC1GND Supply DC-DC1 Power Ground A13 DC1FB Analogue Input DC1VDD DC-DC1 Feedback Pin A11, B11 DC1LX Analogue I/O DC-DC1 Inductor Connection A12, B12 DC1VDD Supply DC-DC1 Power Input (connect to SYSVDD supply) A9, B9 DC2GND Supply DC-DC2 Power Ground C6 DC2FB Analogue Input DC2VDD DC-DC2 Feedback Pin A8, B8 DC2LX Analogue I/O DC-DC2 Inductor Connection A7, B7 DC2VDD Supply DC-DC2 Power Input (connect to SYSVDD supply) A6, B6, C5 DC3GND Supply DC-DC3 Power Ground A3 DC3FB Analogue Input DC3VDD DC-DC3 Feedback Pin A5, B5 DC3LX Analogue I/O DC-DC3 Inductor Connection A4, B4 DC3VDD Supply DC-DC3 Power Input (connect to SYSVDD supply) G13 DC4GND Supply DC-DC4 Power Ground E11 DC4FB Analogue Input DC4VDD DC-DC4 Feedback Connection G12 DC4LX Analogue I/O DC-DC4 Inductor Connection F13 DC4VDD Supply DC-DC4 Power Input (connect to SYSVDD supply) L1 LDO1VDD Supply LDO1 Power Input (must be ≤ SYSVDD supply) L2 LDO1VOUT Analogue Output LDO1VDD LDO1 Power Output K1 LDO2VDD Supply LDO2 Power Input (must be ≤ SYSVDD supply) K2 LDO2VOUT Analogue Output LDO2VDD LDO2 Power Output J1 LDO3VDD Supply LDO3 Power Input (must be ≤ SYSVDD supply) J2 LDO3VOUT Analogue Output LDO3VDD LDO3 Power Output E1 LDO4VDD Supply LDO4 Power Input (must be ≤ SYSVDD supply) E2 LDO4VOUT Analogue Output LDO4VDD LDO4 Power Output D1 LDO5VDD Supply LDO5 Power Input (must be ≤ SYSVDD supply) D2 LDO5VOUT Analogue Output LDO5VDD LDO5 Power Output C1 LDO6VDD Supply LDO6 Power Input (must be ≤ SYSVDD supply) C2 LDO6VOUT Analogue Output LDO6VDD LDO6 Power Output H1 LDO7VDD Supply LDO7 Power Input H2 LDO7VOUT Analogue Output LDO7VDD LDO7 Power Output G1 LDO8VDD Supply LDO8 Power Input |