| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM9082ECSN/R bảng dữ liệu(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9082ECSN/R bảng dữ liệu(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 24 page ![]() Production Data WM9082 w PD, August 2012, Rev 4.1 3 PIN CONFIGURATION The WM9082 is supplied in a 9-ball CSP format. The pin configuration is illustrated below, showing the top-down view from above the chip. ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM9082ECSN/R -40 C to +85C 9-ball CSP (Pb-free, tape and reel) MSL1 260 oC Note: Reel quantity = 5,000 PIN DESCRIPTION PIN NO NAME TYPE DESCRIPTION A1 SPKOUTP Analogue Output Positive BTL speaker output A2 DNC Do not connect A3 GND Supply Ground B1 SPKVDD Supply Class D output driver supply B2 SPKGND Supply Ground B3 DVDD Supply Digital supply C1 SPKOUTN Analogue Output Negative BTL speaker output C2 IN2 Digital Input PDM input (CLK or Left DATA input) C3 IN1 Digital Input PDM input (CLK or Right DATA input) |