| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8985GEFL/R bảng dữ liệu(PDF) 119 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8985GEFL/R bảng dữ liệu(HTML) 119 Page - Wolfson Microelectronics plc |
|
119 / 121 page ![]() Production Data WM8985 w PD, Rev 4.6, July 2009 119 APPLICATIONS INFORMATION RECOMMENDED EXTERNAL COMPONENTS Figure 65 External Component Diagram 1. When operating LOUT2 and ROUT2 in class D mode, it is recommended that LC filtering is placed as close to the LOUT2 and ROUT2 pins as possible. Low ESR components should be used for maximum efficiency. It is recommended that a filter, consisting of a 33μH inductor and a 220nF capacitor, is used for optimal performance. 2. The addition of ferrite beads to the outputs of LOUT2 and ROUT2 will suppress any potential interference noise produced by the class D switching clocks. |