công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8985 bảng dữ liệu(PDF) 32 Page - Wolfson Microelectronics plc

tên linh kiện WM8985
Giải thích chi tiết về linh kiện  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985 bảng dữ liệu(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8985_09 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8985_09 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
32
VOLUME UPDATES
Volume settings will not be applied to the PGAs until a '1' is written to one of the INPPGAVU bits.
This is to allow left and right channels to be updated at the same time, as shown in Figure 13.
Figure 13 Simultaneous Left and Right Volume Updates
If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in
Figure 14.
Figure 14 Click Noise during Volume Update
In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause
the PGA volume to update only when a zero crossing occurs, minimising click noise as shown in
Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More