công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8960CGEFL/RV bảng dữ liệu(PDF) 52 Page - Wolfson Microelectronics plc

tên linh kiện WM8960CGEFL/RV
Giải thích chi tiết về linh kiện  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960CGEFL/RV bảng dữ liệu(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM8960CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8960CGEFL/RV Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
52
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised in
Table 33. MS selects audio interface operation in master or slave mode. In Master mode BCLK,
ADCLRC and DACLRC are outputs. The frequency of ADCLRC and DACLRC is set by the bits
ADCDIV and DACDIV and the frequency of BCLK is set by the bits BCLKDIV (See "Clocking and
Sample Rates"). In Slave mode BCLK, ADCLRC and DACLRC are inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Digital Audio
Interface
Format
8
ALRSWAP
0
Left/Right ADC channel swap
1 = Swap left and right ADC data in
audio interface
0 = Output left and right data as normal
7
BCLKINV
0
BCLK invert bit (for master and slave
modes)
0 = BCLK not inverted
1 = BCLK inverted
6
MS
0
Master / Slave Mode Control
0 = Enable slave mode
1 = Enable master mode
5
DLRSWAP
0
Left/Right DAC Channel Swap
0 = Output left and right data as normal
1 = Swap left and right DAC data in
audio interface
4
LRP
0
Right, left and I
2S modes – LRCLK
polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
3:2
WL[1:0]
10
Audio Data Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see Note)
1:0
FORMAT[1:0]
10
Audio Data Format Select
00 = Right justified
01 = Left justified
10 = I
2S Format
11 = DSP Mode
Table 33 Audio Data Format Control
Note:
Right Justified mode does not support 32-bit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91