| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8948 bảng dữ liệu(PDF) 6 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8948 bảng dữ liệu(HTML) 6 Page - Wolfson Microelectronics plc |
|
6 / 189 page ![]() WM8948 Production Data w PD, May 2011, Rev 4.1 6 PIN CONFIGURATION The WM8948 is supplied in a 36-ball CSP format. The pin configuration is illustrated below, showing the top-down view from above the chip. SDA BCLK IN2L AUX1 CS/ GPIO2 LINEOUTL IN1R VBIN AUX2 IN1L/ DMICDAT IN2R VBREFR MICBIAS VMIDC LDOVOUT SPKVDD XP YN GND LDOVDD SPKOUTL SCLK SDOUT/ GPIO4 DACDAT LRCLK DBVDD CIFMODE /GPIO3 GPIO1 DCVDD YP XN ADCDAT SPKOUTR LINEOUTR VBOUT MCLK 16 5 4 3 2 A F E D C B ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8948ECS/R -40 °C to +85°C 36-ball W-CSP (Pb-free, tape and reel) MSL1 260 oC Note: Reel quantity = 3500 |