| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8912 bảng dữ liệu(PDF) 37 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8912 bảng dữ liệu(HTML) 37 Page - Wolfson Microelectronics plc |
|
37 / 128 page ![]() Production Data WM8912 w PD, Rev 4.0, September 2010 37 OUTPUT SIGNAL PATH The outputs HPOUTL and LINEOUTL are derived from the Left DAC output, whilst the outputs HPOUTR and LINEOUTR are derived from the Right DAC output, as illustrated in Figure 22. A feedback path for common mode noise rejection is provided at HPOUTFB and LINEOUTFB for the Headphone and Line outputs respectively. This pin must be connected to ground for normal operation. Each analogue output can be separately enabled; independent volume control is also provided for each output. The signal paths and associated control registers are illustrated in Figure 22. Figure 22 Output Signal Path and Control Registers |