| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8860GEFL/V bảng dữ liệu(PDF) 39 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8860GEFL/V bảng dữ liệu(HTML) 39 Page - Wolfson Microelectronics plc |
|
39 / 184 page ![]() Pre-Production WM8860 w PP, April 2011, Rev 3.2 39 The ADC1 output data is by default set to provide the captured waveform from the left channel in Channel 0, and the right channel in Channel 1. It is possible to adjust this mapping using the vendor- specific Channel Copy Verb. SET VERB BIT BITFIELD NAME DEFAULT DESCRIPTION 7B1h 1 CHAN1_ SEL 1 Channel 1 (right) Mapping Control: 0 = Channel 1 takes data from left audio channel 1 = Channel 1 takes data from right audio channel 0 CHAN0_ SEL 0 Channel 0 (left) Mapping Control: 0 = Channel 0 takes data from left audio channel 1 = Channel 0 takes data from right audio channel |