công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC4088 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện LPC4088
Giải thích chi tiết về linh kiện  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 4Page - NXP Semiconductors LPC4088 Datasheet HTML 5Page - NXP Semiconductors LPC4088 Datasheet HTML 6Page - NXP Semiconductors LPC4088 Datasheet HTML 7Page - NXP Semiconductors LPC4088 Datasheet HTML 8Page - NXP Semiconductors LPC4088 Datasheet HTML 9Page - NXP Semiconductors LPC4088 Datasheet HTML 10Page - NXP Semiconductors LPC4088 Datasheet HTML 11Page - NXP Semiconductors LPC4088 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC1800 devices
LPC1857
1024 136 16
5
6
1
1
2
4
2
2
1
3
2
8/10 b (x2)
1
1
1
146
16-32
1
180
3.3
F and J LQFP208, LBGA256/ TFBGA180
Dual-bank Flash, 1024x768 Color LCD Controller, On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1853
512 136 16
5
6
1
1
2
4
2
2
1
3
2
8/10 b (x2)
1
1
1
146
16-32
1
180
3.3
F and J LQFP208, LBGA256/ TFBGA180
Dual-bank Flash, 1024x768 Color LCD Controller, On-chip HS PHY, SPIFI, SCT, RTC, QEI. **
LPC1850
200
5
6
1
1
2
4
2
2
1
3
2
8/10 b (x2)
1
1
1
146
16-32
1
180
3.3
F
LQFP208, LBGA256/ TFBGA180
1024x768 Color LCD Controller, On-chip HS PHY, SPIFI, SCT, RTC, QEI. Available Q4
2011 **
LPC1837
1024 136 16
5
6
1
1
2
4
2
2
1
3
2
8/10 b (x2)
1
1
146
16-32
1
180
3.3
F and J LQFP144, LBGA256/ TF-
BGA180/100
Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1833
512 136 16
5
6
1
1
2
4
2
2
1
3
2
8/10 b (x2)
1
1
146
16-32
1
180
3.3
F and J LQFP144, LBGA256/ TF-
BGA180/100
Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1830
200
5
6
1
1
2
4
2
2
1
3
2
8/10 b (x2)
1
1
146
16-32
1
180
3.3
F
LQFP144, LBGA256/ TF-
BGA180/100
On-chip HS PHY, SPIFI, SCT, RTC, QEI. Available Q4 2011
LPC1827
1024 136 16
5
6
1
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1825
768 136 16
5
6
1
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1823
512 104 16
5
6
1
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
Dual-bank Flash, On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1822
512 104 16
5
6
1
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
On-chip HS PHY, SPIFI, SCT, RTC, QEI.
LPC1820
168
5
6
1
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
F
LQFP144, TFBGA100
On-chip HS PHY, SPIFI, SCT, RTC, QEI. Available Q4 2011
LPC1817
1024 136 16
5
6
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
Dual-bank Flash, SPIFI, SCT, RTC, QEI.
LPC1815
768 136 16
5
6
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
Dual-bank Flash, SPIFI, SCT, RTC, QEI.
LPC1813
512 104 16
5
6
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
Dual-bank Flash, SPIFI, SCT, RTC, QEI.
LPC1812
512 104 16
5
6
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
J
LQFP144, TFBGA100
SPIFI, SCT, RTC, QEI.
LPC1810
136
5
6
1
4
2
2
1
3
2
8/10 b (x2)
1
1
up to 64
8-16
1
180
3.3
F
LQFP144, TFBGA100
SPIFI, SCT, RTC, QEI. Available Q4 2011
LPC4300 Series
LPC4357
1
1 1024 136 16
5
6
1
1
2
4
2
2
1
3
2
1
8/10 b (x2)
1
1
1
146
16-32
1
204
3.3
F and J LQFP208, LBGA256/
TFBGA180
Dual-bank Flash, 1024x768 Color LCD Controller, HS USB PHY, QEI.
LPC4353
1
1
512 136 16
5
6
1
1
2
4
2
2
1
3
2
1
8/10 b (x2)
1
1
1
146
16-32
1
204
3.3
F and J LQFP208, LBGA256/
TFBGA180
Cortex-M4/M0, FPU, Dual-bank Flash, 1024x768 Color LCD Controller, HS USB PHY, SPIFI,
SCT, SGPIO, RTC, QEI.
LPC4350
1
1
264
5
6
1
1
2
4
2
2
1
3
2
1
8/10 b (x2)
1
1
1
146
16-32
1
204
3.3
F
LQFP208, LBGA256/
TFBGA180
Cortex-M4/M0, FPU, 1024x768 Color LCD Controller, HS USB PHY, SPIFI,
SCT, SGPIO, RTC, QEI. Available Q4 2011
LPC4337
1
1 1024 136 16
5
6
1
1
2
4
2
2
1
3
2
1
8/10 b (x2)
1
1
146
16-32
1
204
3.3
F and J LQFP144, LBGA256/
TFBGA180/100
Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4333
1
1
512 136 16
5
6
1
1
2
4
2
2
1
3
2
1
8/10 b (x2)
1
1
146
16-32
1
204
3.3
F and J LQFP144, LBGA256/
TFBGA180/100
Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4330
1
1
264
5
6
1
1
2
4
2
2
1
3
2
1
8/10 b (x2)
1
1
146
16-32
1
204
3.3
F
LQFP144, LBGA256/
TFBGA180/100
Cortex-M4/M0, FPU, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI. Available Q4 2011
LPC4327
1
1 1024 136 16
5
6
1
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4325
1
1
768 136 16
5
6
1
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI.
LPC4323
1
1
512 104 16
5
6
1
1
4
2
2
1
3
2
1
4-6/10 b (x2)
1
1
up to 64
8-16
1
204
3.3
J
LQFP144, TFBGA100
Cortex-M4/M0, FPU, Dual-bank Flash, HS USB PHY, SPIFI, SCT, SGPIO, RTC, QEI.
LPC ConnectTurbo
NXP’s LPC ConnectTurbo microcontrollers include the Industry’s fastest Cortex-M Microcontrollers. This turbo performance is combined with advanced peripherals for solving complex design
challenges. LPC ConnectTurbo innovations include Hi-speed USB with integrated Hi-speed PHY, NXP’s unique SPI Flash Interface (SPIFI), State Configurable Timer (SCT), Serial GPIO and an industry
first dual-core Cortex-M4/M0. All this integration reduces system cost and enables unprecedented embedded performance. This category includes Cortex-M3, Cortex-M4 and ARM9 based
microcontrollers.
* SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12