| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8758B bảng dữ liệu(PDF) 29 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8758B bảng dữ liệu(HTML) 29 Page - Wolfson Microelectronics plc |
|
29 / 90 page ![]() Production Data WM8758B w PD, Rev 4.4, January 2012 29 VOLUME UPDATES Volume settings will not be applied to the PGAs until a ‘1’ is written to one of the INPPGAVU bits. This is to allow left and right channels to be updated at the same time, as shown in Figure 13. Figure 13 Simultaneous Left and Right Volume Updates If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in Figure 14. Figure 14 Click Noise during Volume Update In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause the PGA volume to update only when a zero crossing occurs, equalizer click noise as shown in Figure 15. |