công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC3200 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện LPC3200
Giải thích chi tiết về linh kiện  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3200 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  LPC3200 Datasheet HTML 1Page - NXP Semiconductors LPC3200 Datasheet HTML 2Page - NXP Semiconductors LPC3200 Datasheet HTML 3Page - NXP Semiconductors LPC3200 Datasheet HTML 4Page - NXP Semiconductors LPC3200 Datasheet HTML 5Page - NXP Semiconductors LPC3200 Datasheet HTML 6Page - NXP Semiconductors LPC3200 Datasheet HTML 7Page - NXP Semiconductors LPC3200 Datasheet HTML 8Page - NXP Semiconductors LPC3200 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
NXP’s latest addition to the LPC Go family, the LPC800, promises to change the way
you think about embedded design. Offering the simplicity and ease-of-use of 8- and
16-bit devices but with the versatility of a fully-equipped 32-bit architecture, the
LPC800 redefines flexibility and scalability. Every peripheral has been redesigned,
from the ground up, with the low-cost 8-bit market in mind. That makes the LPC800
series a family of advanced yet cost-effective microcontrollers that are smaller, more
streamlined, and more power-efficient than ever.
Features
4
Simple, low-cost Cortex-M0+ processor
– Full backward compatibility to the Cortex-M0
– Upwards compatibility with Cortex-M3 and Cortex-M4
– Performance up to 30 MHz
4
Up to 16 KB Flash / 4 KB SRAM
4
Best energy efficiency due to two-stage pipeline and single-cycle I/O access
4
Easy-to-use, low pin-count TSSOP and DIP packages compatible with
M0 devices
4
Flexible switch matrix enabling easy pin configuration — even on the fly
4
Multi-rate timers and State Configurable Timer (SCT) provide advanced
timing capabilities
Introducing the
LPC800
LPC800: Low Power Cortex-M0+
TIMERS
ANALOG
ARM
CORTEX-M0+
30 MHz
Flash
16 KB
SRAM
4 KB
ROM
CRC Engine
SPI (2)
I2C
UART (3)
SCT
4ch multi-rate timer
WDT
Wake-up timer
SERIAL INTERFACES
IOP
GPIO (up to 18)
SYSTEM
Power Control
PMU, power modes, BOD,
single VDD power supply, POR
Comparator
with external Vref
Clock Generation Unit
12 MHz, 1% IRC OSC,
Watchdog OSC,
1-25 MHz System OSC,
System PLL
Bridge
8-bit simplicity,
32-bit versatility,
game-changing
peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com