công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC3100 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện LPC3100
Giải thích chi tiết về linh kiện  NXP LPC microcontrollers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC3100 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  LPC3100 Datasheet HTML 1Page - NXP Semiconductors LPC3100 Datasheet HTML 2Page - NXP Semiconductors LPC3100 Datasheet HTML 3Page - NXP Semiconductors LPC3100 Datasheet HTML 4Page - NXP Semiconductors LPC3100 Datasheet HTML 5Page - NXP Semiconductors LPC3100 Datasheet HTML 6Page - NXP Semiconductors LPC3100 Datasheet HTML 7Page - NXP Semiconductors LPC3100 Datasheet HTML 8Page - NXP Semiconductors LPC3100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LPC Go
Entry-level microcontrollers
LPC Command
Application processors ideal for Linux
LPC Connect
Point-to-point connectivity
LPC ConnectPlus
MCU + USB + Ethernet + LCD +...
LPC ConnectTurbo
Fastest Cortex-M microcontrollers
32-bit versatility with 8-bit simplicity
Game-changing peripherals
Replaces 8/16-bit solutions
Application processors
High-level OS (Linux)
LPC3100
LPC3200
Point-to-point connectivity
USB or CAN or segment LCD
Faster clock speeds
USB + Ethernet + LCD + CAN
More integration
Fastest clock speeds
HS USB, LCD, CAN, and/or
Ethernet with DSP instructions
Highest level of integration
LPC800
LPC1100
LPC1100LV
LPC11E00
LPC131x
LPC210
LPC11Uxx
LPC11Cxx
LPC11A00
LPC1200
LPC134x
LPC213x
LPC214x
LPC4000
LPC1700
LPC2200
LPC2300
LPC2400
LPC1800
LPC4300
LPC2900
Unmatched functionality
Every NXP LPC microcontroller builds on our well-established, long-term strategic relationship
with ARM. We have early access to next-generation IP, so you can be sure you’re always working
with the latest technologies, and we pack our devices with features you simply won’t find
anywhere else.
We use the same building blocks in many of our MCUs, and offer pin- and software-compatible
options across product families and across cores. That means you have the freedom to add or
subtract features, without having to migrate to a new architecture, and you have a flexible way
to support your entire product line — now and in the future. With NXP LPC microcontrollers,
it’s easy to scale and reuse your hardware and software designs, whether you’re upgrading or
downgrading functionality.
Proven leadership
NXP’s LPC portfolio has continually set the standard for performance, integration, and price,
and has been recognized, time and again, for its groundbreaking levels of connectivity, power
consumption, and ease of use. We were first to add independent bus systems and local bus
I/O, first with integrated features like Flash/EEPROM memory, real-time debug, and embedded
trace, and first to deliver a market-ready Cortex™-M0 device. Our unique, patent-pending
peripherals continue to set us apart, and we’re the only supplier to offer a dual-core M4/M0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24