| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
59PR9876N bảng dữ liệu(PDF) 14 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
59PR9876N bảng dữ liệu(HTML) 14 Page - International Rectifier |
|
14 / 17 page ![]() IRDC3899-P1V2 12/8/2011 14 PCB METAL AND COMPONENT PLACEMENT Evaluations have shown that the best overall performance is achieved using the substrate/PCB layout as shown in following figures. PQFN devices should be placed to an accuracy of 0.050mm on both X and Y axes. Self-centering behavior is highly dependent on solders and processes, and experiments should be run to confirm the limits of self-centering on specific processes. For further information, please refer to “SupIRBuck™ Multi-Chip Module (MCM) Power Quad Flat No-Lead (PQFN) Board Mounting Application Note.” (AN1132) Figure 20: PCB Metal Pad Spacing (all dimensions in mm) |