| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICX055AL bảng dữ liệu(PDF) 5 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
ICX055AL bảng dữ liệu(HTML) 5 Page - Sony Corporation |
|
5 / 18 page ![]() – 5 – ICX055BL Clock Equivalent Circuit Constant Item Capacitance between vertical transfer clock and GND C φV1, CφV3 C φV2, CφV4 C φV12, CφV34 C φV23, CφV41 C φV13 C φV24 C φH1, CφH2 C φHH C φRG C φSUB R1, R3 R2, R4 RGND R φH R φRG 1500 820 470 230 150 230 47 47 5 320 51 100 15 10 40 pF pF pF pF pF pF pF pF pF pF Ω Ω Ω Ω Ω Capacitance between vertical transfer clocks Vertical transfer clock series resistor Vertical transfer clock ground resistor Horizontal transfer clock series resistor Reset gate clock series resistor Symbol Min. Typ. Max. Unit Remarks R φH R φH H φ2 H φ1 C φH1 C φH2 C φHH V φ1 C φV12 V φ2 V φ4 V φ3 C φV34 C φV23 C φV41 C φV13 C φV24 C φV1 C φV2 C φV4 C φV3 RGND R4 R1 R3 R2 Vertical transfer clock equivalent circuit Horizontal transfer clock equivalent circuit R φRG RG φ C φRG Reset gate clock equivalent circuit Capacitance between horizontal transfer clock and GND Capacitance between horizontal transfer clocks Capacitance between reset gate clock and GND Capacitance between substrate clock and GND |