| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
THCV220 bảng dữ liệu(PDF) 2 Page - THine Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
THCV220 bảng dữ liệu(HTML) 2 Page - THine Electronics, Inc. |
|
2 / 2 page ![]() THCV220_Rev.1.00_E_Brief Copyright©2012 THine Electronics, Inc. THine Electronics, Inc. 2/2 Example System Diagram Example for CMOS/TTL to CMOS/TTL Example for LVDS to CMOS/TTL Notices and Requests 1. The product specifications described in this material are subject to change without prior notice. 2. The circuit diagrams described in this material are examples of the application which may not always apply to the customer’s design. We are not responsible for possible errors and omissions in this material. Please note if errors or omissions should be found in this material, we may not be able to correct them immediately. 3. This material contains our copy right, know-how or other proprietary. Copying or disclosing to third parties the contents of this material without our prior permission is prohibited. 4. Note that if infringement of any third party's industrial ownership should occur by using this product, we will be exempted from the responsibility unless it directly relates to the production process or functions of the product. 5. This product is presumed to be used for general electric equipment, not for the applications which require very high reliability (including medical equipment directly concerning people's life, aerospace equipment, or nuclear control equipment). Also, when using this product for the equipment concerned with the control and safety of the transportation means, the traffic signal equipment, or various Types of safety equipment, please do it after applying appropriate measures to the product. 6. Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to have sufficiently redundant or error preventive design applied to the use of the product so as not to have our product cause any social or public damage. 7. Please note that this product is not designed to be radiation-proof. 8. Customers are asked, if required, to judge by themselves if this product falls under the category of strategic goods under the Foreign Exchange and Foreign Trade Control Law. THine Electronics, Inc. sales@thine.co.jp |