| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1109331 bảng dữ liệu(PDF) 49 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1109331 bảng dữ liệu(HTML) 49 Page - Tyco Electronics |
|
49 / 85 page ![]() SB Thermal transfer printable self-laminating labels 49 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Self-Laminating Labels Ordering information Available sizes and formats Ordering Package Labels Max.Cable (A) Label (B) Label (C) Printable (D) Horizontal (E) Vertical (F) Web description quantity across OD height repeat repeat width mm inches mm inches mm inches mm inches mm inches mm inches mm inches SB050100WE10 10,000 5 5.1 .20 12.70 0.500 25.40 1.000 8.50 0.330 16.80 0.600 31.00 1.222 86.00 3.384 SB050143WE10 10,000 5 7.6 .30 12.70 0.500 36.50 1.437 12.70 0.500 16.80 0.662 42.20 1.661 86.00 3.384 SB075094WE10 10,000 4 7.6 .30 19.10 0.750 23.90 0.940 9.50 0.375 20.30 0.800 28.60 1.125 85.10 3.350 SB080150WE10 10,000 4 7.6 .30 20.30 0.800 38.10 1.500 12.70 0.500 22.90 0.900 44.50 1.750 94.90 3.736 SB100143WE5 5,000 3 7.6 .30 25.40 1.000 36.50 1.437 12.70 0.500 27.90 1.100 42.20 1.661 87.30 3.436 SB100225WE5 5,000 3 12.2 .48 25.40 1.000 57.20 2.250 19.10 0.750 27.90 1.100 66.70 2.625 87.30 3.436 SB100375WE2.5 2,500 3 22.4 .88 25.40 1.000 95.30 3.750 25.40 1.000 27.90 1.100 101.60 4.000 87.30 3.436 SBH100375WE2.5 2,500 1* 22.4 .88 25.40 1.000 95.30 3.750 25.40 1.000 N/A N/A 28.60 1.125 100.30 3.950 SB100594WE1 1,000 3 35.6 1.4 25.40 1.000 151.00 5.940 38.10 1.500 27.90 1.100 158.80 6.250 87.30 3.436 SB100743WE1 1,000 3 35.6 1.4 25.40 1.000 188.90 7.437 38.10 1.500 27.90 1.100 195.30 7.688 87.30 3.436 SB190319WE2.5 2,500 2 12.2 .48 48.30 1.900 81.00 3.190 19.10 0.750 50.80 2.000 87.40 3.440 105.10 4.138 SB190594WE1 1,000 2 35.6 1.4 48.30 1.900 151.00 5.940 38.10 1.500 50.80 2.000 158.80 6.250 105.10 4.138 SB200143WE2.5 2,500 2 7.6 .30 50.80 2.000 36.50 1.437 12.70 0.500 50.80 2.000 42.20 1.661 107.60 4.236 SB200225WE2.5 2,500 2 12.2 .48 50.80 2.000 57.20 2.250 19.10 0.750 50.80 2.000 66.70 2.625 107.60 4.236 SB200375WE2.5 2,500 2 22.4 .88 50.80 2.000 95.30 3.750 25.40 1.000 53.30 2.100 101.60 4.000 111.40 4.386 SB200743WE1 1,000 2 48.3 1.9 50.80 2.000 188.90 7.437 38.10 1.500 53.30 2.100 195.30 7.688 110.10 4.336 *One label across rotated format. Options Colors Standard White with clear tail Non-Standard Red, Orange, Yellow, Green, Blue, Violet, with clear tail |