công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTV702FSTA1-V bảng dữ liệu(PDF) 2 Page - Shenzhen Tenand Technology Co., Ltd.

tên linh kiện LTV702FSTA1-V
Giải thích chi tiết về linh kiện  High Collector-Emitter Voltage Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TENAND [Shenzhen Tenand Technology Co., Ltd.]
Trang chủ  http://www.tenand.com
Logo TENAND - Shenzhen Tenand Technology Co., Ltd.

LTV702FSTA1-V bảng dữ liệu(HTML) 2 Page - Shenzhen Tenand Technology Co., Ltd.

  LTV702FSTA1-V Datasheet HTML 1Page - Shenzhen Tenand Technology Co., Ltd. LTV702FSTA1-V Datasheet HTML 2Page - Shenzhen Tenand Technology Co., Ltd. LTV702FSTA1-V Datasheet HTML 3Page - Shenzhen Tenand Technology Co., Ltd. LTV702FSTA1-V Datasheet HTML 4Page - Shenzhen Tenand Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
12-42
Absolute Maximum Ratings
(Ta=25
)
Parameter
Symbol
Rating
Unit
Input
Output
Total Power Dissipation
Operating Temperature
Storage Temperature
*1.Isolation Voltage
*2.Soldering Temperature
Forward Current
Reverse Voltage
Power Dissipation
Collector-Emitter Voltage
Emitter-Collector Voltage
Collector Current
Collector Power Dissipation
IF
VR
P
VCEO
VECO
IC
PC
Ptot
Topr
Tstg
Viso
Tsol
60
6
105
70
6
50
160
200
-55~+100
-55~+150
5
260
mA
V
mW
V
V
mA
mW
mW
KVrms
*1. AC for 1 minute, R.H. = 40 ~ 60%
Isolation voltage shall be measured using the following method.
(1)Short between anode and cathode on the primary side and between collector, emitter and base on the secondary side.
(2)The isolation voltage tester with zero-cross circuit shall be used.
(3)The waveform of applied volttage shall be a sine wave.
*2. For 10 seconds.
Electrical/Optical Characteristics
(Ta=25
)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward Voltage
Reverse Current
Terminal Capacitance
Collector Dark Current
Collector-Emitter
Breakdown Voltage
Emitter-Collector
Breakdown Voltage
Collector Current
*Current Transfer Ratio
Collector-emitter
Saturation Voltage
Isolation Resistance
Floating Capacitance
Cut-off Frequency
Response Time (Rise)
Response Time (Fall)
VF
IR
Ct
ICEO
BVCEO
BVECO
IC
CTR
VCE(sat)
RISO
Cf
fc
tr
tf
70
6
4
40
5
1010
1.4
30
0.25
1011
0.6
150
2
2
1.7
10
250
50
32
320
0.4
1.0
7
8
V
A
pF
nA
V
V
mA
%
V
pF
KHz
s
s
IF=60mA
VR=6V
V=0, f=1KHz
VCE=10V
IC=0.1mA
IE=10
A
IF=10mA VCE=5V
IF=10mA VCE=5V
IF=10mA, IC=2.5mA
DC500V, 40~60% R.H.
V=0, f=1MHz
VCC=5V, IF=10mA
RL=75
, -3dB
VCC=5V, IF=10mA
RL=75
*CTR=
100%
IC
IF
Supplement
Rank Table of Current Transfer Ratio CTR
Model No.
Rank Mark
CTR(%)
LTV-702F
LTV-702F
LTV-702F
LTV-702F
LTV-702F
A
B
C
D
A or B or C or D
40~80
63~125
100~200
160~320
40~320
Conditions
IF=10mA
VCE=5V
Ta=25



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com