công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMG-PU005 bảng dữ liệu(PDF) 13 Page - alpha microelectronics gmbh

tên linh kiện AMG-PU005
Giải thích chi tiết về linh kiện  Analog System Base Chip, I/O PowerStage, OP-Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALPHA-MICRO [alpha microelectronics gmbh]
Trang chủ  http://www.alpha-microelectronics.de
Logo ALPHA-MICRO - alpha microelectronics gmbh

AMG-PU005 bảng dữ liệu(HTML) 13 Page - alpha microelectronics gmbh

Back Button AMG-PU005 Datasheet HTML 6Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 7Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 8Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 9Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 10Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 11Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 12Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 13Page - alpha microelectronics gmbh AMG-PU005 Datasheet HTML 14Page - alpha microelectronics gmbh  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AMG-PU005
Analog System Base Chip, I/O PowerStage, OP-Amps
e
-
0.50
-
L
0.35
0.4
0.45
Θ
-12
-
0
ccc
-
0.08
-
M
-
-
0.05
10. IC-Marking
11. Ordering Information
AMG-PU005-IQN24R
(QFN24, Tape & Reel)
12. Notes and Cautions
12.1. ESD Protection
The Requirements for Handling Electrostatic Discharge Sensitive Devices are described in the
JEDEC standard JESD625-A. Please note the following recommendations:
When handling the device, operators must be grounded by wearing a for the purpose
designed grounded wrist strap with at least 1MΩ resistance and direct skin contact.
Operators must at all times wear ESD protective shoes or the area should be
surrounded by for ESD protection intended floor mats.
Opening of the protective ESD package that the device is delivered in must only occur at
a properly equipped ESD workbench. The tape with which the package is held together
must be cut with a sharp cutting tool, never pulled or ripped off.
Any unnecessary contact with the device or any unprotected conductive points should be
avoided.
Work only with qualified and grounded tools, measuring equipment, casing and
workbenches.
Outside properly protected ESD-areas the device or any electronic assembly that it may
be part of should always be transported in EGB/ESD shielded packaging.
AMG-PU005
Revision: B
9. Nov. 2012
© All rights reserved
Page 13 of 14
PU005
yyww
*******
Date Code
Lot Number
Top Marking by Laser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com