công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS732EUA bảng dữ liệu(PDF) 7 Page - SEC Electronics Inc.

tên linh kiện SS732EUA
Giải thích chi tiết về linh kiện  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SECELECTRONICS [SEC Electronics Inc.]
Trang chủ  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS732EUA bảng dữ liệu(HTML) 7 Page - SEC Electronics Inc.

Back Button SS732EUA Datasheet HTML 2Page - SEC Electronics Inc. SS732EUA Datasheet HTML 3Page - SEC Electronics Inc. SS732EUA Datasheet HTML 4Page - SEC Electronics Inc. SS732EUA Datasheet HTML 5Page - SEC Electronics Inc. SS732EUA Datasheet HTML 6Page - SEC Electronics Inc. SS732EUA Datasheet HTML 7Page - SEC Electronics Inc. SS732EUA Datasheet HTML 8Page - SEC Electronics Inc. SS732EUA Datasheet HTML 9Page - SEC Electronics Inc. SS732EUA Datasheet HTML 10Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
information regarding manufacturability of Hall IC with different soldering processes
classified and qualified regarding soldering technology, solderability and moisture sensitivity level according to
ethods:
Standard
Our products are
following test m
Reflow Soldering SMD’s (S
        
V2.00
May.1, 2012
                                                      
7
urface Mount Devices)
s according to table 5-2)
•
reconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing
efl
2)
Wave S
•
IPC/JEDEC J-STD-020
Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices
(classification reflow profile
EIA/JEDEC JESD22-A113
P
(r ow profiles according to table
oldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
•
EN6
o combined effect of moisture and soldering heat
•
EIA
Res
le mounted devices
Iro
0749-20
Resistance of plastic- encapsulated SMD’s t
/JEDEC JESD22-B106 and EN60749-15
istance to soldering temperature for through-ho
n Soldering THD’s (Through Hole Devices)
EN60749-15
•
es
g temperature for through-hole mounted devices
Soldera
R istance to solderin
bility SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices)
•
Sol
ES
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
EIA/JEDEC JESD22-B102 and EN60749-21
derability
D Precautions



Html Pages

1 2 3 4 5 6 7 8 9 10