| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SS632EUA bảng dữ liệu(PDF) 7 Page - SEC Electronics Inc. |
|
|
|||||||||||||||||||||||||||||
SS632EUA bảng dữ liệu(HTML) 7 Page - SEC Electronics Inc. |
|
7 / 10 page ![]() SS732/SS632 Hall Latch - High Sensitivity information regarding manufacturability of Hall IC with different soldering processes classified and qualified regarding soldering technology, solderability and moisture sensitivity level according to ethods: Standard Our products are following test m Reflow Soldering SMD’s (S V2.00 May.1, 2012 7 urface Mount Devices) s according to table 5-2) • reconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing efl 2) Wave S • IPC/JEDEC J-STD-020 Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices (classification reflow profile EIA/JEDEC JESD22-A113 P (r ow profiles according to table oldering SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices) • EN6 o combined effect of moisture and soldering heat • EIA Res le mounted devices Iro 0749-20 Resistance of plastic- encapsulated SMD’s t /JEDEC JESD22-B106 and EN60749-15 istance to soldering temperature for through-ho n Soldering THD’s (Through Hole Devices) EN60749-15 • es g temperature for through-hole mounted devices Soldera R istance to solderin bility SMD’s (Surface Mount Devices) and THD’s (Through Hole Devices) • Sol ES Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). EIA/JEDEC JESD22-B102 and EN60749-21 derability D Precautions |