công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT68F016 bảng dữ liệu(PDF) 35 Page - Holtek Semiconductor Inc

tên linh kiện HT68F016
Giải thích chi tiết về linh kiện  Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F016 bảng dữ liệu(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT68F016 Datasheet HTML 31Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 32Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 33Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 34Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 35Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 36Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 37Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 38Page - Holtek Semiconductor Inc HT68F016 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 116 page
background image
HT66F016/HT66F017/HT68F016/HT68F017
Rev. 1.00
35
May 14, 2012
Fast Wake-up
To minimise power consumption the device can enter
the SLEEP or IDLE0 Mode, where the system clock
source to the device will be stopped. However when the
device is woken up again, it can take a considerable
time for the original system oscillator to restart, stabilise
and allow normal operation to resume. To ensure the
device is up and running as fast as possible a Fast
Wake-up function is provided, which allows fSUB,
namely the LIRC oscillator, to act as a temporary clock
to first drive the system until the original system oscilla-
tor has stabilised. As the clock source for the Fast
Wake-up function is fSUB, the Fast Wake-up function is
only available in the SLEEP1 and IDLE0 modes. When
the device is woken up from the SLEEP0 mode, the Fast
Wake-up function has no effect because the fSUB clock
is stopped. The Fast Wake-up enable/disable function is
controlled using the FSTEN bit in the SMOD register.
If the HXT oscillator is selected as the NORMAL Mode
system clock, and if the Fast Wake-up function is en-
abled, then it will take one to two tSUB clock cycles of the
LIRC oscillator for the system to wake-up. The system
will then initially run under the fSUB clock source until 128
HXT clock cycles have elapsed, at which point the HTO
flag will switch high and the system will switch over to
operating from the HXT oscillator.
If the HIRC oscillators or LIRC oscillator is used as the
system oscillator then it will take 15~16 clock cycles of
the HIRC or 1~2 cycles of the LIRC to wake up the sys-
tem from the SLEEP or IDLE0 Mode. The Fast Wake-up
bit, FSTEN will have no effect in these cases.
System
Oscillator
FSTEN
Bit
Wake-up Time
(SLEEP0 Mode)
Wake-up Time
(SLEEP1 Mode)
Wake-up Time
(IDLE0 Mode)
Wake-up Time
(IDLE1 Mode)
HXT
0
128 HXT cycles
128 HXT cycles
1~2 HXT cycles
1
128 HXT cycles
1~2 fSUB cycles
(System runs with fSUB first for 128 HXT cycles and
then switches over to run with the HXT clock)
1~2 HXT cycles
HIRC
X
15~16 HIRC cycles
15~16 HIRC cycles
1~2 HIRC cycles
LIRC
X
1~2 LIRC cycles
1~2 LIRC cycles
1~2 LIRC cycles
Wake-Up Times
Note that if the Watchdog Timer is disabled, which means that the LIRC is off, then there will be no Fast Wake-up func-
tion available when the device wakes-up from the SLEEP0 Mode.
Operating Mode Switching and Wake-up
S L E E P 0
H A L T i n s t r u c t i o n i s e x e c u t e d
f S Y S o f f
C P U s t o p
I D L E N = 0
f T B C o f f
f S U B o f f
W D T & L V D o f f
N O R M A L
f S Y S = f H ~ f H / 6 4
f H o n
C P U r u n
f S Y S o n
f T B C o n
f S U B o n
I D L E 1
H A L T i n s t r u c t i o n i s e x e c u t e d
C P U s t o p
I D L E N = 1
F S Y S O N = 1
f S Y S o n
f T B C o n
f S U B o n
I D L E 0
H A L T i n s t r u c t i o n i s e x e c u t e d
C P U s t o p
I D L E N = 1
F S Y S O N = 0
f S Y S o f f
f T B C o n
f S U B o n
S L O W
f S Y S = f L
f L o n
C P U r u n
f S Y S o n
f T B C o n
f S U B o n
f H o f f
S L E E P 1
H A L T i n s t r u c t i o n i s e x e c u t e d
f S Y S o f f
C P U s t o p
I D L E N = 0
f T B C o f f
f S U B o n
W D T o r L V D o n
²X²: don¢t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com